PART |
Description |
Maker |
H8/3690 H8/3693 H8/3694F H8/3692 HD6433693 H8/3694 |
(HD64xxxx Series) 16-BIT MICROCONTROLLER 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series 16位单片机H8 Family/H8/300H Tiny系列
|
Renesas Electronics Corporation. Renesas Electronics, Corp.
|
H8/3690 |
(H8/3690 Series) 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Technology
|
TE28F160B3T90 28F008B3 28F016B3 28F032B3 28F320B3 |
(TE28F Series) SMART 3 ADVANCED BOOT BLOCK 4-8-16-32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 3V PROM, 110 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 2.7V PROM, 90 ns, PDSO48 RES 10K-OHM 2% 0.25W 100PPM MET-FILM AXIAL TR-13 R-MIL-PRF-39017 智能高级启动34 - - 6 - 2 - Mbit闪存家庭 TVS UNI-DIR 70V 400W SMA 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 8 FLASH 2.7V PROM, 90 ns, PDSO40 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 512K X 16 FLASH 3V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 2 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 2M X 16 FLASH 2.7V PROM, 90 ns, PBGA48 SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY 智能高级启动3 - - 6 - 32 - Mbit闪存家庭 SMART 3 ADVANCED BOOT BLOCK, 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE, 8-MBIT (1024K x 8), 16-MBIT (2056K x 8) FLASH MEMORY FAMILY
|
TE Connectivity, Ltd. Intel, Corp. Intel Corp. Intel Corporation
|
M38021E8-XXXFS M38022M4DXXXFS M38022M4DXXXSS M3802 |
8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP64 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES 8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
http:// Renesas Electronics Corporation
|
LAMXO1200E |
(LAMXO Series) LA-MachXO Automotive Family
|
Lattice Semiconductor
|
LFEC1 LFEC6 |
(LFEC Series) LatticeECP/EC Family Data Sheet
|
Lattice Semiconductor
|
R5F21324ANFP R5F21324ANSP R5F21321ADSP R5F21321ANF |
MCU M16C FAMILY / R8C/Tiny SERIES
|
Renesas Electronics Corporation
|
EP20K200EXXXX EP20K200XXXX EP20K200EBC652 EP20K200 |
(APEP20K Series) Programmable Logic Device Family
|
ALTERA[Altera Corporation]
|
T48SR05005NNFA T48SR3R307NNFA T48SR3R307NRFA T48SR |
Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
|
Delta Electronics, Inc.
|
LT1460EIS8-10 LT1460EIS8-2.5 LT1460EIS8-5 LT1460FC |
Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 LEAD FREE, PLASTIC, TO-226, TO-92, 3 PIN 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 LEAD FREE, PLASTIC, TO-226, TO-92, 3 PIN Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 PLASTIC, TO-226, TO-92, 3 PIN Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PBCY3 Micropower Precision Series Reference Family; Package: TO-92; No of Pins: 3; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PBCY3 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO3 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO3 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO3 Micropower Precision Series Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 10 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8 Micropower Precision Series Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8 Micropower Precision Series Reference Family; Package: SOT; No of Pins: 3; Temperature Range: -40° to 125°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
TMP47P443VDM TMP47P443VM TMP47P443VN E_001019_47P4 |
4-Bit Microcontroller TLCS-47 Family: 47E Series From old datasheet system
|
Toshiba
|
M38B78MDH-AXXXFP M38B71M1H-AXXXFP M38B70M6H-AXXXFP |
8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
|
Renesas Electronics Corporation http://
|
|